Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9638EP Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9638EP
Description  CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9638EP Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9638EP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC9638EP
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 4 of 13
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
PA.2/ADIN2
I/O
I/O port is duplex as input channel 2 of ADC.
2
PA.1/ADIN1
I/O
I/O port is duplex as input channel 1 of ADC.
3
PA.0/ADIN0
I/O
I/O port is duplex as input channel 0 of ADC.
4
PB.0/INT0
I/O
I/O port is duplex as external interrupt input INT0.
5
PB.1/INT1
I/O
I/O port is duplex as external interrupt input INT1.
6
PB.2/BUZZ
O
BUZZ state detecting and buzz signal output
7
PB.4
O
Common I/O port
8
PB.5
O
Common I/O port
9
PB.6
O
Common I/O port
10
PB.7
O
Common I/O port
11
MVSS
--
Analog Ground for Frequency counting of radio receiver.
12
AMIN
--
AM local oscillator signal input
13
FMIN
--
FM local oscillator signal input
14
MVDD
--
MCU Power Supply
15
MRST
--
MCU Reset
16
MTEST
--
MCU Test pin which is connected to the ground.
17
MXI
I
The crystal oscillator (75KHz) input pin.
18
MXO
O
The crystal oscillator (75KHz) output pin.
19
COM0
--
LCD COM0 Port
20
COM1
--
LCD COM1 Port
21
COM2
--
LCD COM2 Port
22
COM3
--
LCD COM3 Port
23
SEG0
--
LCD SEG0 Port
24
SEG1
--
LCD SEG1 Port
25
SEG2
--
LCD SEG2 Port
26
SEG3
--
LCD SEG3 Port
27
SEG4
--
LCD SEG4 Port
28
SEG5
--
LCD SEG5 Port
29
SEG6
--
LCD SEG6 Port
30
SEG7
--
LCD SEG7 Port
31
SEG8
--
LCD SEG8 Port
32
SEG9
--
LCD SEG9 Port
33
VPP
--
OTP Power Supply
34
VDD0
--
+5V DAC Power Supply
35
VSS0
--
DAC GND
36
VREF
--
Internal reference voltage whose typical value is 0.5VDD
37
VOR
--
DAC right channel output
38
FILTCR
--
DAC right channel filter capacitor.
(To be continued)


Similar Part No. - SC9638EP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
More results

Similar Description - SC9638EP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9699P SILAN-SC9699P Datasheet
272Kb / 11P
   CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
SC9696P SILAN-SC9696P Datasheet
1Mb / 20P
   CD SERVO CONTROLLER WITH MCU
SC9636-006 SILAN-SC9636-006 Datasheet
674Kb / 12P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2 DIGITS LED DISPLAY)
SC9637B SILAN-SC9637B Datasheet
1Mb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2/4 DIGITS LCD DISPLAY AND REMOTE CONTROL)
SC9640P SILAN-SC9640P Datasheet
649Kb / 10P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Mitsubishi Electric Sem...
M62475FP MITSUBISHI-M62475FP Datasheet
168Kb / 19P
   AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com