Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9638EP Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9638EP
Description  CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9638EP Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9638EP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9638EP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC9638EP
(Continued)
Pin No.
Symbol
I/O
Description
39
FILTCL
--
DAC left channel filter capacitor.
40
VOL
--
DAC left channel filter capacitor.
41
RAD
--
Tracking drive output
42
FOC
--
Focus drive output
43
SLED
--
Sled drive output
44
MOTO
--
Spindle drive output
45
VDD
--
Servo Supply Voltage
46
GND
--
Servo Ground
47
V2/SLED_SW
--
Sled motor position monitor signal input
48
LDON
--
Laser control signal output with built-in pull up resistor
49
VSSA1
--
Analog Ground of Servo Module ADC.
50
VDDA1
--
Analog Supply Voltage of Servo Module ADC.
51
B
--
Central diode current signal input B
52
A
--
Central diode current signal input A
53
C
--
Central diode current signal input C
54
D
--
Central diode current signal input D
55
F
--
Satellite diode current signal input F
56
E
--
Satellite diode current signal input E
57
VCOM
--
DC Voltage Input
58
ISLICE
--
Data Slice feed-back current output
59
HFIN
--
EFM signal input
60
HFREF
--
Reference signal
61
VSSA2
--
Servo module HF and the analog ground of PLL
62
VDDA2
--
Servo module HF and the analog source supply of PLL
63
CRIN
I
8.4672MHz crystal oscillator input
64
CROUT
O
8.4672MHz crystal oscillator output
FUNCTION DESCRIPTION
1. LCD illustration
The circuit adopts LCD of 4×16, 5V, 1/4duty, and 1/3bias, and the panel is as follows:
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 13


Similar Part No. - SC9638EP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
More results

Similar Description - SC9638EP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9699P SILAN-SC9699P Datasheet
272Kb / 11P
   CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
SC9696P SILAN-SC9696P Datasheet
1Mb / 20P
   CD SERVO CONTROLLER WITH MCU
SC9636-006 SILAN-SC9636-006 Datasheet
674Kb / 12P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2 DIGITS LED DISPLAY)
SC9637B SILAN-SC9637B Datasheet
1Mb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2/4 DIGITS LCD DISPLAY AND REMOTE CONTROL)
SC9640P SILAN-SC9640P Datasheet
649Kb / 10P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Mitsubishi Electric Sem...
M62475FP MITSUBISHI-M62475FP Datasheet
168Kb / 19P
   AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com