Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3819S-L-1-2 Datasheet(PDF) 1 Page - Exar Corporation

Part # SPX3819S-L-1-2
Description  500mA, LOW-NOISE LDO VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819S-L-1-2 Datasheet(HTML) 1 Page - Exar Corporation

  SPX3819S-L-1-2 Datasheet HTML 1Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 2Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 3Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 4Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 5Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 6Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 7Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 8Page - Exar Corporation SPX3819S-L-1-2 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
DESCRIPTION
FEATURES
■ Low Noise: 40µV Possible
■ High Accuracy: 1%
■ Reverse Battery Protection
■ Low Dropout: 340mV at Full Load
■ Low Quiescent Current: 90µA
■ Zero Off-Mode Current
■ Fixed Output: 1.2V, 1.5V, 1.8V, 2.5V, 3.0V,
3.1V, 3.3V, 5.0V. Adj. Output also available.
■ Available in RoHS Compliant, Lead Free
Packages: 5 Pin SOT-23, 8 Pin Narrow
SOIC and 8 pin 2X3 DFN
The SPX3819 is a positive voltage regulator with a low dropout voltage and low noise output. In
addition, this device offers a very low ground current of 800µA at 100mA output. The SPX3819 has
an initial tolerance of less than 1% max and a logic compatible ON/OFF switched input. When
disabled, power consumption drops to nearly zero. Other key features include reverse battery
protection, current limit, and thermal shutdown. The SPX3819 includes a reference bypass pin for
optimal low noise output performance. With its very low output temperature coefficient, this device
also makes a superior low power voltage reference.
The SPX3819 is an excellent choice for use in battery-powered applications such as cordless
telephones, radio control systems, and portable computers. It is available in several fixed voltages
-- 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.1V, 3.3V, 5.0V -- or with an adjustable output. This device is offered
in 8 pin NSOIC, 8 pin DFN and 5-pin SOT-23 packages.
APPLICATIONS
■ Battery Powered Systems
■ Cordless Phones
■ Radio Control Systems
■ Portable/Palm Top/Notebook Computers
TYPICAL APPLICATION CIRCUIT
+
+
GND
EN
BYP
(Opt.)
ENABLE may be tied directly to V
IN
SPX3819
1
2
3
4
5
V
IN
V
OUT
TOP View
■ Portable Consumer Equipment
■ Portable Instrumentation
■ Bar Code Scanners
■ SMPS Post Regulators
SPX3819
8 Pin DFN
EN
NC
NC
NC
VIN
ADJ/BYP
VOUT
GND
5
6
7
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
SPX3819
500mA, LOW-NOISE LDO VOLTAGE REGULATOR
JULY 30, 2008
R
EV. F


Similar Part No. - SPX3819S-L-1-2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819S-L-1-2 SIPEX-SPX3819S-L-1-2 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-1-2 EXAR-SPX3819S-L-1-2 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819S-L-1-2/TR SIPEX-SPX3819S-L-1-2/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-1-2/TR EXAR-SPX3819S-L-1-2/TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819S-L-1-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com