Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16315 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC16315
Description  VFD CONTROLLER/DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16315 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC16315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 11Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SC16315
SWITCHING CHARACTERISTIC WAVEFORM
OSC
STB
CLK
DIN
DOUT
Sn/Gn
fOSC
50%
90%
10%
tTHZ
tTZH
tPZL
tPZL
tSETUP
tHOLD
PWCLK
tCLK-STB
PWSTB
PWCLK
APPLICATIONS
Updating display memory by incrementing address
Command 4
Data n
Data 1
Command 3
Command 2
Command 1
DIN
CLK
STB
Command1: sets display mode
Command2: sets data
Command3: sets address
Data 1 to n: transfers display data (36 bytes max.)
Command4: controls display
Updating specific address
Data
Data
Command
Command 2
Command 1
DIN
CLK
STB
Command1: sets data
Command2: sets address
Data: display data
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.12.16
Http: www.silan.com.cn
Page 9 of 11


Similar Part No. - SC16315

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16315S SILAN-SC16315S Datasheet
210Kb / 12P
   VFD CONTROLLER/DRIVER
More results

Similar Description - SC16315

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
logo
SamHop Microelectronics...
SM16312 SAMHOP-SM16312 Datasheet
49Kb / 7P
   VFD CONTROLLER /DRIVER
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
   VFD CONTROLLER/DRIVER
SC16313 SILAN-SC16313 Datasheet
215Kb / 9P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3423 NJRC-NJU3423 Datasheet
501Kb / 19P
   VFD CONTROLLER DRIVER
NJU3422 NJRC-NJU3422 Datasheet
279Kb / 9P
   VFD CONTROLLER DRIVER
logo
Winbond
W66880CF WINBOND-W66880CF Datasheet
21Kb / 1P
   VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16315S SILAN-SC16315S Datasheet
210Kb / 12P
   VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com