Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16722 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC16722
Description  CASCADE LED DRIVER OF HEAVY CURRENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16722 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC16722 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC16722
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
R EV:1.0
2006.04.19
http: www.silan.com.cn
Page 5 of 7
CHIP TOPOGRAPHY
Chip size: 0.90x0.76 (mm2)
Note: The substrate is connected with GND.
BONDING PAD COORDINATES
Boding pad
Symbol
X
Y
Boding pad
Symbol
X
Y
1
DIN
-329.10
-263.90
8
GND
330.90
263.875
2
LIN
-219.10
-263.90
9
OUT2
220.90
263.875
3
OEBIN
-109.10
-263.90
10
CKOUT
110.90
263.875
4
CKIN
0.90
-263.90
11
OEBOUT
0.90
263.875
5
OUT0
110.90
-263.90
12
LOUT
-109.10
263.875
6
GND
220.90
-263.90
13
DOUT
-219.10
263.875
7
OUT1
330.90
-263.90
14
VDD
-329.10
263.875
Note: The original point of the coordinate is the die center.


Similar Part No. - SC16722

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-065 SOCAY-SC16-065 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-075 SOCAY-SC16-075 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-090 SOCAY-SC16-090 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-1000 SOCAY-SC16-1000 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC16722

ManufacturerPart #DatasheetDescription
logo
MY-SEMI INC.
MY9931 MY-SEMI-MY9931 Datasheet
81Kb / 1P
   3 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9941 MY-SEMI-MY9941 Datasheet
79Kb / 1P
   4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
logo
Toshiba Semiconductor
TB62725P TOSHIBA-TB62725P Datasheet
313Kb / 15P
   8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
Hamamatsu Corporation
L12004-2209H-C HAMAMATSU-L12004-2209H-C Datasheet
544Kb / 8P
   Quantum Cascade Laser
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
logo
Recom International Pow...
RCD-24 RECOM-RCD-24_10 Datasheet
358Kb / 6P
   Constant Current LED Driver
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
   Constant Current LED Driver
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
   Constant-Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9914 HMSEMI-HM9914 Datasheet
713Kb / 4P
   LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com