Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4620815 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC4620815
Description  1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC4620815 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC4620815 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC4620815 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SC46208
enough attenuation time for inductor, thus prevent it from running away. When the output voltage increases, the
frequency increases to 1.25MHz gradually.
Over Voltage Detection
When the over-voltage detect circuit detects the output voltage is more than 6% of the set value, it will shutdown
the PMOS switch to prevent the output voltage from over-shoot until the voltage drops to set value.
Current Limit and Thermal Shutdown
Current limit is implemented through internal comparator, it limits the PMOS current in the 1.5A in one cycle,
thus to protect the SC46208 in over load condition.
When the die temperature is over 150
°C due to the long time over load operation, SC46208 is shutdown
automatically until the temperature lower to normal state, the hysteresis temperature during this period is about
20
°C.
APPLICATION NOTES
Refering to typical application circuit of fig 1, the components selection begins with inductor L, then CIN and
COUT:
Inductor Selection
The SC46208 can utilize small surface mount and chip inductors due to its fast 1.25MHz switching frequency.
For most applications the SC46208 operates with inductors of 1μH to 4.7μH. The large inductance will decrease
the ripple current, but high inductance values will also increase the PCB size, and the low inductance value result
in high ripple currents. The ripple also relative with the VIN and VOUT:
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.09.10
Http://www.silan.com.cn
Page 5 of 11
IN
OUT
OUT
IN
ripple
V
V
L
V
V
fs
1
I
×
×
=
LOAD(max)
I
sat
I
The rating current of inductor is equal to half of the max. load current adds half the max. ripple current ,to handle
the peak inductor current without saturating. Choose inductor ripple current
approximately 40% of the
maximum load current
, so the rating current
satisfied with following formula:
ripple
I
LOAD(max)
ripple
LOAD(max)
sat
20%)I
(1
I
2
1
I
I
+
=
+
>
The max. load current is 600mA, for most applications, the inductor of 720mA rating value is enough; for higher
efficiency, please choose an inductor with low DC series resistance (DCR). To reduce the noise, use a shielded
bobbin inductor.
Capacitor Selection
The low ESR capacitor is required to keep the output voltage ripple small. There, the multilayer ceramic
capacitor is recommended due to their low ESR and small size. In the most applications, 10-22
μF output
capacitors are enough, higher capacitor can be used to reduce the output ripple and improve transient
response.
The low ESR input capacitor reduces the surge current drawn from the input and switching noise from the
device. Ceramic capacitor is the best selection for input capacitor, and the capacitor should be as near as
possible to chip. A 4.7μF ceramic capacitor is sufficient for most applications.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients.


Similar Part No. - SC4620815

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620MLTRT SEMTECH-SC4620MLTRT Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4620815

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
   1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com