Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC91215-D Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC91215-D
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91215-D Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC91215-D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC91214/91215 SERIES
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 7 of 16
(Continued)
Pin No.
SC9121
4A
SC9121
4B
SC9121
4C
SC9121
4D
Pin
Name
Description
9
11
10
12
DP
Dialing pulse output
This is an N-channel open drain output. The
normal output will be “ON”during break an “OFF”
during make in the PULSE DIALING mode.
1
1
HFO
(N.A.)
(N.A.)
18
20
HFI
Hands-Free Control I/O pins
These pins enable and disable the Hands-Free
control function. When input pin HFI goes low, the
Hands-Free Control state is toggled on. The status
of the Hands-Free control state is listed in the
following table:
7
7
8
8
TONE
Tone dialing output
When a valid key-press is detected in the DTMF
mode, appropriate low group and high group,
frequencies the dual tone output. TONE output is
in the “OFF”state in PULSE mode.
8
8
9
9
XMITMUTE
Dialing transmission mute output
This is an N-channel open drain output. The
XMITMUTE
is normally “OFF”. During pulse or DTMF
dialing this output is “ON”.
(N.A.)
9
(N.A.)
10
MODE
OUT
Mode output pin
This is an N-channel, open drain output. It is “ON”
during tone output and “OFF”during pulse output.
13
15
14
16
R1
14
16
15
17
R2
15
17
16
18
R3
16
18
17
19
R4
10
12
11
13
C1
11
13
12
14
C2
12
14
13
15
C3
Keyboard pins
This input serves as the interface to an XY matrix
keyboard. On a 4 X 4 matrix keyboard, the input
from the fourth column, C4 , should be connected
to VSS.
6
6
7
7
VDD
5
5
6
6
VSS
Power supply pins
These devices are designed to operate from 2.0V
to 5.5V.


Similar Part No. - SC91215-D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC912XDP512F0CAA FREESCALE-SC912XDP512F0CAA Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - SC91215-D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
   TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com