Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD42511 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SD42511
Description  1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD42511 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SD42511 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD42511 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SD42511
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
DESCRIPTION
The SD42511 is a step-down PWM control LED driver with a built-in
internal power MOSFET. It achieves 1A continuous output current over
a wide input supply range. It provides thermal shutdown circuit, current
limiting circuit and PWM dimming circuit.
SD42511 adopts current mode contro
l. Current mode operation
provides fast transient response and simple loop stabilization design.
SD42511 has high efficiency up to more than 90%, and has excellent
constant current characteristic when the input/output voltage changed,
with the excellent current accuracy within ±1%. With the high input
voltage of up to 25V and built-in slope compensation, it can drive 6
LEDs.
FEATURES
* Maximum 1A output current
* 0.25
Ω built-in power MOSFET
* PWM dimming function
* 280KHz fixed frequency
* Excellent constant current accuracy ±1%
* High efficiency up to 90%
* Thermal shutdown
* Cycle-by-cycle over current protection
* 6-25V input voltage range
* Drive LED string
ORDERING INFORMATION
Device
Package
SD42511
SOP-8-225-1.27
APPLICATIONS
* Power LED driver
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2008.11.19
Http://www.silan.com.cn
Page 1 of 10


Similar Part No. - SD42511

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
More results

Similar Description - SD42511

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com