Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L784IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16L784IV
Description  HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L784IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16L784IV Datasheet HTML 6Page - Exar Corporation XR16L784IV Datasheet HTML 7Page - Exar Corporation XR16L784IV Datasheet HTML 8Page - Exar Corporation XR16L784IV Datasheet HTML 9Page - Exar Corporation XR16L784IV Datasheet HTML 10Page - Exar Corporation XR16L784IV Datasheet HTML 11Page - Exar Corporation XR16L784IV Datasheet HTML 12Page - Exar Corporation XR16L784IV Datasheet HTML 13Page - Exar Corporation XR16L784IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
XR16L784
10
HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
REV. 1.2.3
2.7.3
Transmitter Operation in FIFO Mode
The host may fill the transmit FIFO with up to 64 bytes of transmit data. The THR empty flag (LSR bit-5) is set
whenever the FIFO is empty. The THR empty flag can generate a transmit empty interrupt (ISR bit-1) when the
amount of data in the FIFO falls below its programmed trigger level. The transmit empty interrupt is enabled by
IER bit-1. The TSR flag (LSR bit-6) is set when TSR/FIFO becomes empty.
2.8
Receiver
The receiver section contains an 8-bit Receive Shift Register (RSR) and 64 bytes of FIFO which includes a
byte-wide Receive Holding Register (RHR). The RSR uses the 16X for timing. It verifies and validates every bit
on the incoming character in the middle of each data bit. On the falling edge of a start or false start bit, an
internal receiver counter starts counting at the 16X. After 8 clocks the start bit period should be at the center of
the start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating the start bit in
this manner prevents the receiver from assembling a false character. The rest of the data bits and stop bits are
sampled and validated in this same manner to prevent false framing. If there were any error(s), they are
reported in the LSR register bits 2-4. Upon unloading the receive data byte from RHR, the receive FIFO pointer
is bumped and the error tags are immediately updated to reflect the status of the data byte in RHR register.
RHR can generate a receive data ready interrupt upon receiving a character or delay until it reaches the FIFO
trigger level. Furthermore, data delivery to the host is guaranteed by a receive data ready time-out interrupt
when data is not received for 4 word lengths as defined by LCR[1:0] plus 12 bits time. This is equivalent to 3.7-
4.6 character times. The RHR interrupt is enabled by IER bit-0.
FIGURE 6. TRANSMITTER OPERATION IN NON-FIFO MODE
FIGURE 7. TRANSMITTER OPERATION IN FIFO AND FLOW CONTROL MODE
Transmit
Holding
Register
(THR)
Transmit Shift Register (TSR)
Data
Byte
L
S
B
M
S
B
THR Interrupt (ISR bit-1)
Enabled by IER bit-1
TXNOFIFO1
16X or 8X Clock
Transm it Data Shift Register
(TSR)
Transm it
Data Byte
THR Interrupt (ISR bit-1) falls
below the program m ed Trigger
Level and then when becom es
em pty. FIFO is Enabled by FCR
bit-0=1
Transm it
FIFO
16X or 8X Clock
Auto CTS Flow Control (CTS# pin)
Auto Software Flow Control
Flow Control Characters
(Xoff1/2 and Xon1/2 Reg.
TXF IF O 1


Similar Part No. - XR16L784IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L784IV EXAR-XR16L784IV Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784IV EXAR-XR16L784IV Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
More results

Similar Description - XR16L784IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com