Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C650A Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C650A
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650A Datasheet(HTML) 3 Page - Exar Corporation

  ST16C650A Datasheet HTML 1Page - Exar Corporation ST16C650A Datasheet HTML 2Page - Exar Corporation ST16C650A Datasheet HTML 3Page - Exar Corporation ST16C650A Datasheet HTML 4Page - Exar Corporation ST16C650A Datasheet HTML 5Page - Exar Corporation ST16C650A Datasheet HTML 6Page - Exar Corporation ST16C650A Datasheet HTML 7Page - Exar Corporation ST16C650A Datasheet HTML 8Page - Exar Corporation ST16C650A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ST16C650A
3
REV. 5.0.2
2.90V TO 5.5V UART WITH 32-BYTE FIFO
PIN DESCRIPTIONS
NAME
44-
PLCC
PIN #
48-
TQFP
PIN #
TYPE
DESCRIPTION
16 (Intel) MODE DATA BUS INTERFACE. The SEL pin is connected to VCC.
A2
A1
A0
29
30
31
26
27
28
I
Address bus lines [2:0]
A2:A0 selects internal UART’s configuration registers.
D7
D6
D5
D4
D3
D2
D1
D0
9
8
7
6
5
4
3
2
4
3
2
47
46
45
44
43
IO
Data bus lines [7:0] (bidirectional)
IOR#
24
19
I
Input/Output Read (active low)
The falling edge instigates an internal read cycle and retrieves the data byte from
an internal register pointed by the address lines [A2:A0], places it on the data bus
to allow the host processor to read it on the leading edge. Its function is the same
as IOR, except it is active low. Either an active IOR# or IOR is required to transfer
data from 650A to CPU during a read operation. If this input is unused, it should
be connected to VCC to minimize supply current.
IOR
25
20
I
Input/Output Read (active high)
Same as IOR# but active high. If this input is unused, it should be connected to
GND to minimize supply current.
IOW#
20
16
I
Input/Output Write (active low)
The falling edge instigates the internal write cycle and the trailing edge transfers
the data byte on the data bus to an internal register pointed by the address lines
[A2:A0]. Its function is the same as IOW, except it is active low. Either an active
IOW# or IOW is required to transfer data from 650A to the Intel type CPU during a
write operation. If this input is unused, it should be connected to VCC to minimize
supply current.
IOW
21
17
I
Input/Output Write (active high)
Same as IOW# but active high. If this input is unused, it should be connected to
GND to minimize supply current.
CS0
14
9
I
Chip Select 0 input (active high)
This input selects the ST16C650A device. If CS1 or CS2# is used as the chip
select then this pin must be connected to VCC. The 650A is selected when all
three chip selects are active. See
Figure 3 and Figure 4.
CS1
15
10
I
Chip Select 1 input (active high)
This input selects the ST16C650A device. If CS0 or CS2# is used as the chip
select then this pin must be connected to VCC. The 650A is selected when all
three chip selects are active. See
Figure 3 and Figure 4.
CS2#
16
11
I
Chip Select 2 input (active low)
This input selects the ST16C650A device. If CS0 or CS1 is used as the chip select
then this pin must be connected to GND. The 650A is selected when all three chip
selects are active. See
Figure 3 and Figure 4.


Similar Part No. - ST16C650A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACP40 EXAR-ST16C650ACP40 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Similar Description - ST16C650A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com