Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29501U5-L-2-5 Datasheet(PDF) 5 Page - Exar Corporation

Part # SPX29501U5-L-2-5
Description  5A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29501U5-L-2-5 Datasheet(HTML) 5 Page - Exar Corporation

  SPX29501U5-L-2-5 Datasheet HTML 1Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 2Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 3Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 4Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 5Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 6Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 7Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 8Page - Exar Corporation SPX29501U5-L-2-5 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Rev:B Nov 2008
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2008 Exar Corporation
APPLICATION INFORMATION
The SPX29501/02 incorporates protection
against over-current faults, reversed load
insertion, over temperature operation, and
positive and negative transient voltage.
Thermal Considerations
Although the SPX29501/02 offers limiting
circuitry for overload conditions, it is still
necessary to insure that the maximum junction
temperature is not exceeded in the application.
Heat will flow through the lowest resistance
path, the junction-to-case path. In order to insure
the best thermal flow of the component, proper
mounting is required.
TO-220 Design Example:
Assume that V
IN = 8V, VOUT = 5V, IOUT = 5A, TA
= 50
°C, θ
HA= 1°C/W, θCH= 2°C/W,
and
θ
JC=
2
°C/W, where:
T
A = ambient temperature,
θ
HA= heatsink to ambient thermal
resistance
θ
CH= case to heatsink thermal
resistance
θ
JC = junction to case thermal
resistance
The power calculated under these conditions is:
P
D = (VIN – VOUT) * IOUT = 15W.
And the junction temperature is calculated as
T
J = TA + PD * (θHA + θCH
+
θ
JC) or
T
J = 50 + 15 * (1+2+2) = 125°C
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure stability
and minimize the output noise. The value of the
capacitor varies with the load.
However, a
minimum value of 22
µF aluminum capacitor
will guarantee stability over all load conditions.
A tantalum capacitor is recommended if a faster
load transient response is needed. If the power
source has a high AC impedance, a 0.1
µF ce-
ramic capacitor between input & ground is rec-
ommended.
Minimum Load Current
To ensure a proper behavior of the regulator
under light load, a minimum load of 10mA for
SPX29501/02 is required.
Adjustable Regulator Design
The SPX29502 is an adjustable regulator that
can be programmed to any value between 1.24V
and 16V using 2 resistors, R1 and R2. The
relationship between the resistors is:
R1 = R2(V
OUT/1.24-1).
Error Flag
The SPX29501 features an error flag that
indicates either an over current or under voltage
condition. The flag output goes low, sinking
10mA when either condition occurs.
Enable Input
The SPX29501/02 have an Enable function that
switches the regulator on and off. Their thresh-
olds are TTL compatible. Enabling the regulator
requires approximately 20
µA of current.
Typical Application Circuits
Figure 1 represents at typical fixed output regu-
lator. Figure 2 represents an adjustable output
regulator. The values of R1 and R2 set the output
voltage value as follows:
V
OUT =VREF * [1 + (R1/R2)].
For best results, the total series resistance should
guarantee a minimum regulator load current of
10mA.


Similar Part No. - SPX29501U5-L-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29501U5-1.8 SIPEX-SPX29501U5-1.8 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501U5-2.5 SIPEX-SPX29501U5-2.5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501U5-3.3 SIPEX-SPX29501U5-3.3 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501U5-5.0 SIPEX-SPX29501U5-5.0 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29501U5-L-2-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com