Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA45141SE Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SA45141SE
Description  THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA45141SE Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

  SA45141SE Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA45141SE Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKAGE OUTLINE
SSOP-20-225-0.65
Unit:mm
Disclaimer:
Silan reserves the right to make changes to the information herein for the improvement of the design and performance
without further notice!
All semiconductor products malfunction or fail with some probability under special conditions. When using Silan products
in system design or complete machine manufacturing, it is the responsibility of the buyer to comply with the safety
standards strictly and take essential measures to avoid situations in which a malfunction or failure of such Silan products
could cause loss of body injury or damage to property.
Silan will supply the best possible product for customers!
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.5
2009.06.05
Http: //www.silan.com.cn
Page 9 of 10


Similar Part No. - SA45141SE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA45 PANJIT-SA45 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA45 CHONGQING-SA45 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA45 FCI-SA45 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA45 TSC-SA45 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA45 WTE-SA45 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA45141SE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ2158 TI-BQ2158 Datasheet
571Kb / 8P
[Old version datasheet]   Three or Four Series Cell Li-Ion Pack Supervisor Module
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com