Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0070TR-3000 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0070TR-3000
Description  High Dynamic Range Amplifier 250 - 3800 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0070TR-3000 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAMSS0070TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAMSS0070TR-3000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
9
High Dynamic Range Amplifier
250 - 3800 MHz
Rev. V4
MAAMSS0070
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves, 2400 MHz Configuration
Gain
Applications Section
Input Return Loss
Output Return Loss
Noise Figure
P1dB
Output IP3
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25°C
-40°C
+85°C
Frequency (GHz)
-25
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
5
6
2.4
2.42
2.44
2.46
2.48
2.5
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
2.2
2.3
2.4
2.5
2.6
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
25
30
0
5
10
15
20
25
+25°C
-40°C
+85°
Output Power (dBm)
0
10
20
30
40
50
0
5
10
15
20
+25C
-40C
+85C
Output Power (dBm)/Tone


Similar Part No. - MAAMSS0070TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070TR-3000 MACOM-MAAMSS0070TR-3000 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAMSS0070TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Mimix Broadband
CMM6003-SC MIMIX-CMM6003-SC Datasheet
471Kb / 5P
   50-870 MHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC_07 Datasheet
520Kb / 5P
   50-900 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
   800 to 2700 MHz High Dynamic Range Amplifier
logo
Skyworks Solutions Inc.
AL106-84 SKYWORKS-AL106-84 Datasheet
29Kb / 3P
   GaAs IC 900 MHz High Dynamic Range Amplifier
logo
List of Unclassifed Man...
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
   50MHz to 870 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com