Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7318AMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7318AMX
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318AMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7318AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
August 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318A • 1.0.0
FAN7318A
LCD Backlight Inverter Drive IC
Features
High-Efficiency, Single-Stage Power Conversion
Wide Input Voltage Range: 6V to 30V
Backlight Lamp Ballast and Soft Dimming
Minimal External Components Required
Precision Voltage Reference Trimmed to 2%
Half-Bridge Topology
Soft-Start
PWM Control at Fixed Frequency
Analog Dimming Function
Burst Dimming Function
Programmable Striking Frequency
Open-Lamp Protection (OLP)
Open-Lamp Regulation (OLR)
Over-Voltage Protection (OVP)
Short-Lamp Protection (SLP)
CMP-High Protection (CHP)
Thermal Shutdown (TSD)
16-Pin SOIC Package
Applications
LCD TV
LCD Monitor
Description
The FAN7318A is a LCD backlight inverter drive IC that
controls P-N half-bridge topology.
The FAN7318A provides a low-cost solution and reduces
external components by integrating proprietary wave
rectifiers for open-lamp protection and regulation. The
operating voltage range is wide, so an external regulator
isn’t necessary to supply voltage to the IC.
The FAN7318A provides various protections, such as
open-lamp regulation, over-voltage protection, open-
lamp protection, short-lamp protection, and CMP-HIGH
protection, to increase the system reliability. The
FAN7318A provides burst dimming and analog dimming.
The FAN7318A is available in a 16-SOIC package.
Ordering Information
Part
Number
Operating
Temperature
Package
Eco
Status
Packing
Method
FAN7318AM
Rail
FAN7318AMX
-25 to +85°C
16-Lead, Small Outline Integrated Circuit (SOIC)
RoHS
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Protected under U.S. patent no. 5,652,479.


Similar Part No. - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318B FAIRCHILD-FAN7318B Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BM FAIRCHILD-FAN7318BM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BMX FAIRCHILD-FAN7318BMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com