Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7392M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7392M
Description  High-Current, High- and Low-Side, Gate-Drive IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7392M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7392M Datasheet HTML 1Page - Fairchild Semiconductor FAN7392M Datasheet HTML 2Page - Fairchild Semiconductor FAN7392M Datasheet HTML 3Page - Fairchild Semiconductor FAN7392M Datasheet HTML 4Page - Fairchild Semiconductor FAN7392M Datasheet HTML 5Page - Fairchild Semiconductor FAN7392M Datasheet HTML 6Page - Fairchild Semiconductor FAN7392M Datasheet HTML 7Page - Fairchild Semiconductor FAN7392M Datasheet HTML 8Page - Fairchild Semiconductor FAN7392M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7392 Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA=25°C unless otherwise specified.
Notes:
1. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
2. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions, natural convection; and
JESD51-3: Low effective thermal conductivity test board for leaded surface-mount packages.
3. Do not exceed power dissipation (PD) under any circumstances.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Characteristics
Min.
Max.
Unit
VB
High-Side Floating Supply Voltage
-0.3
625.0
V
VS
High-Side Floating Offset Voltage
VB-25.0
VB+0.3
V
VHO
High-Side Floating Output Voltage
VS-0.3
VB+0.3
V
VCC
Low-Side Supply Voltage
-0.3
25.0
V
VLO
Low-Side Floating Output Voltage
-0.3
VCC+0.3
V
VDD
Logic Supply Voltage
-0.3
VSS+25.0
V
VSS
Logic Supply Offset Voltage
VCC-25.0
VCC+0.3
V
VIN
Logic Input Voltage (HIN, LIN and SD)
VSS-0.3
VDD+0.3
V
dVS/dt
Allowable Offset Voltage Slew Rate
±50
V/ns
PD
Power Dissipation(1, 2, 3)
14-PDIP
1.6
W
16-SOP
1.3
θ
JA
Thermal Resistance
14-PDIP
75
°C/W
16-SOP
95
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature
-55
+150
°C
Symbol
Parameter
Min.
Max.
Unit
VB
High-Side Floating Supply Voltage
VS+10
VS+20
V
VS
High-Side Floating Supply Offset Voltage
6-VCC
600
V
VHO
High-Side Output Voltage
VS
VB
V
VCC
Low-Side Supply Voltage
10
20
V
VLO
Low-Side Output Voltage
0
VCC
V
VDD
Logic Supply Voltage
VSS+3
VSS+20
V
VSS
Logic Supply Offset Voltage
-5
5
V
VIN
Logic Input Voltage
VSS
VDD
V
TA
Operating Ambient Temperature
-40
+125
°C


Similar Part No. - FAN7392M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392M FAIRCHILD-FAN7392M Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392M ONSEMI-FAN7392M Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7392MX FAIRCHILD-FAN7392MX Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392MX ONSEMI-FAN7392MX Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
More results

Similar Description - FAN7392M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com