Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7621SJ Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN7621SJ
Description  PFM Controller for Half-Bridge Resonant Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7621SJ Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN7621SJ Datasheet HTML 5Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 6Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 7Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 8Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 9Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 10Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 11Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 12Page - Fairchild Semiconductor FAN7621SJ Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621 • Rev. 1.0.1
9
Functional Description
1. Basic Operation
: FAN7621 is designed to drive high-
side and low-side MOSFETs complementarily with 50%
duty cycle. A fixed dead time of 350ns is introduced
between consecutive transitions, as shown in Figure 16.
High-side
MOSFET
gate drive
Low-side
MOSFET
gate drve
Dead t ime
time
Figure 16. MOSFETs Gate Drive Signal
2. Internal Oscillator
: FAN7621 employs a current-
controlled oscillator, as shown in Figure 17. Internally,
the voltage of RT pin is regulated at 2V and the charging
/ discharging current for the oscillator capacitor, CT, is
obtained by copying the current flowing out of RT pin
(ICTC) using a current mirror. Therefore, the switching
frequency increases as ICTC increases.
I
CTC
+
-
+
-
3V
1V
-Q
Q
R
S
F/F
2I
CTC
VREF
I
CTC
2V
Counter
(1/4)
R
T
3
Gate drive
C
T
Figure 17. Current Controlled Oscillator
3. Frequency Setting
: Figure 18 shows the typical
voltage gain curve of a resonant converter, where the
gain is inversely proportional to the switching frequency
in the ZVS region. The output voltage can be regulated
by modulating the switching frequency. Figure 19 shows
the typical circuit configuration for RT pin, where the
opto-coupler transistor is connected to the RT pin to
modulate the switching frequency.
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Gain
140
150
60
70
80
90
100
110
120
130
Frequency (kHz)
f min
f normal
f max
f ISS
Soft-sta rt
Figure 18. Resonant Converter Typical Gain Curve
R
sense
VCC
LVCC
RT
CON
CS
SG
PG
CTR
HVCC
HO
LO
R
max
R
min
R
SS
C
SS
Figure 19. Frequency Control Circuit
The minimum switching frequency is determined as:
min
min
5.2
100(
)
k
f
kHz
R
Ω
(1)
Assuming the saturation voltage of opto-coupler
transistor is 0.2V, the maximum switching frequency is
determined as:
max
min
max
5.2
4.68
(
) 100(
)
kk
fkHz
RR
Ω
Ω
=+
×
(2)
To prevent excessive inrush current and overshoot of
output voltage during startup, increase the voltage gain
of the resonant converter progressively. Since the
voltage gain of the resonant converter is inversely
proportional to the switching frequency, the soft-start is


Similar Part No. - FAN7621SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621SJ FAIRCHILD-FAN7621SJ Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621SJ ONSEMI-FAN7621SJ Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621SJX FAIRCHILD-FAN7621SJX Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621SJX ONSEMI-FAN7621SJX Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
More results

Similar Description - FAN7621SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com