Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP9N60N Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FCP9N60N
Description  N-Channel MOSFET 600V, 9A, 0.385廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP9N60N Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FCP9N60N Datasheet HTML 2Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 3Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 4Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 5Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 6Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 7Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 8Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 9Page - Fairchild Semiconductor FCP9N60N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FCP9N60N / FCPF9N60NT Rev. A
www.fairchildsemi.com
8
Dimensions in Millimeters
Mechanical Dimensions
TO-220


Similar Part No. - FCP9N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP9N60N ISC-FCP9N60N Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP9N60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
   N-Channel MOSFET 500V, 9A, 0.85廓
logo
MagnaChip Semiconductor...
MDF9N60 MGCHIP-MDF9N60 Datasheet
739Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDF9N60B MGCHIP-MDF9N60B Datasheet
787Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.80(ohm)
logo
Taiwan Semiconductor Co...
TSM9N90E TSC-TSM9N90E Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
   N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
STMicroelectronics
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com