Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP11N60N Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FCP11N60N
Description  N-Channel MOSFET 600V, 10.8A, 0.299廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP11N60N Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FCP11N60N Datasheet HTML 2Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 3Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 4Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 5Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 6Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 7Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 8Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 9Page - Fairchild Semiconductor FCP11N60N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FCP11N60N / FCPF11N60NT Rev. A
www.fairchildsemi.com
9
Mechanical Dimensions
TO-220F
Dimensions in Millimeters


Similar Part No. - FCP11N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP11N60N ISC-FCP11N60N Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP11N60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
FDP17N60N FAIRCHILD-FDP17N60N Datasheet
766Kb / 9P
   N-Channel MOSFET 600V, 17A, 0.34廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FCP13N60N FAIRCHILD-FCP13N60N Datasheet
904Kb / 10P
   N-Channel MOSFET 600V, 13A, 0.258廓
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
FCA76N60N FAIRCHILD-FCA76N60N Datasheet
720Kb / 8P
   FCA76N60N N-Channel MOSFET 600V, 76A, 36m廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com