Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP22N60N Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FCP22N60N
Description  N-Channel MOSFET 600V, 22A, 0.165W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP22N60N Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FCP22N60N Datasheet HTML 2Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 3Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 4Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 5Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 6Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 7Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 8Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 9Page - Fairchild Semiconductor FCP22N60N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FCP22N60N / FCPF22N60NT Rev. A2
www.fairchildsemi.com
8
Mechanical Dimensions
TO-220


Similar Part No. - FCP22N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP22N60N ISC-FCP22N60N Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP22N60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA22N60N FAIRCHILD-FCA22N60N Datasheet
532Kb / 8P
   N-Channel MOSFET 600V, 22A, 0.165W
logo
Unisonic Technologies
22N60 UTC-22N60_11 Datasheet
211Kb / 6P
   22A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
   500V,22A N-Channel MOSFET
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
   22A, 650V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD45AN06LA0 FAIRCHILD-FDD45AN06LA0 Datasheet
228Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 22A, 45m
FDP22N50N FAIRCHILD-FDP22N50N Datasheet
563Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.22廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com