Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA032N08 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDA032N08
Description  N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA032N08 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDA032N08 Datasheet HTML 1Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 2Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 3Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 4Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 5Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 6Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 7Page - Fairchild Semiconductor FDA032N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDA032N08 Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDA032N08

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FDA036AST FUTUREWAFER-FDA036AST Datasheet
1Mb / 7P
   Latch Up High Current ESD Protection Device
More results

Similar Description - FDA032N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP032N08 FAIRCHILD-FDP032N08_12 Datasheet
283Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP032N08 FAIRCHILD-FDP032N08 Datasheet
624Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDB031N08 FAIRCHILD-FDB031N08 Datasheet
639Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.1m廓
FDB088N08 FAIRCHILD-FDB088N08 Datasheet
704Kb / 6P
   N-Channel PowerTrench짰 MOSFET 75V, 85A, 8.8m廓
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
FDP030N06 FAIRCHILD-FDP030N06 Datasheet
487Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2m?
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
First Silicon Co., Ltd
FTK80N08 FS-FTK80N08 Datasheet
630Kb / 6P
   N-CHANNEL MOSFET (75V/80A, Rds=6.5m廓)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com