Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M564IJ68 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16M564IJ68
Description  1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M564IJ68 Datasheet(HTML) 4 Page - Exar Corporation

  XR16M564IJ68 Datasheet HTML 1Page - Exar Corporation XR16M564IJ68 Datasheet HTML 2Page - Exar Corporation XR16M564IJ68 Datasheet HTML 3Page - Exar Corporation XR16M564IJ68 Datasheet HTML 4Page - Exar Corporation XR16M564IJ68 Datasheet HTML 5Page - Exar Corporation XR16M564IJ68 Datasheet HTML 6Page - Exar Corporation XR16M564IJ68 Datasheet HTML 7Page - Exar Corporation XR16M564IJ68 Datasheet HTML 8Page - Exar Corporation XR16M564IJ68 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
XR16M564/564D
4
1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
REV. 1.0.0
PIN DESCRIPTIONS
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XR16M564IJ68
68-Lead PLCC
-40°C to +85°C
Active
XR16M564IV64
64-Lead LQFP
-40°C to +85°C
Active
XR16M564DIV64
64-Lead LQFP
-40°C to +85°C
Active
XR16M564IL48
48-pin QFN
-40°C to +85°C
Active
XR16M564IV80
80-Lead LQFP
-40°C to +85°C
Active
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN #
80-LQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
15
16
17
22
23
24
32
33
34
46
47
48
I
Address data lines [2:0]. These 3 address lines select
one of the internal registers in UART channel A-D dur-
ing a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
46
45
44
43
42
41
40
39
60
59
58
57
56
55
54
53
5
4
3
2
1
68
67
66
15
14
13
12
11
9
8
7
I/O
Data bus lines [7:0] (bidirectional).
IOR#
(VCC)
29
40
52
70
I
When 16/68# pin is HIGH, the Intel bus interface is
selected and this input becomes read strobe (active
low). The falling edge instigates an internal read cycle
and retrieves the data byte from an internal register
pointed by the address lines [A2:A0], puts the data
byte on the data bus to allow the host processor to
read it on the rising edge.
When 16/68# pin is LOW, the Motorola bus interface is
selected and this input is not used and should be con-
nected to VCC.
IOW#
(R/W#)
7
9
18
31
I
When 16/68# pin is HIGH, it selects Intel bus interface
and this input becomes write strobe (active low). The
falling edge instigates the internal write cycle and the
rising edge transfers the data byte on the data bus to
an internal register pointed by the address lines.
When 16/68# pin is LOW, the Motorola bus interface is
selected and this input becomes read (logic 1) and
write (LOW) signal.
CSA#
(CS#)
5
7
16
28
I
When 16/68# pin is HIGH, this input is chip select A
(active low) to enable channel A in the device.
When 16/68# pin is LOW, this input becomes the chip
select (active low) for the Motorola bus interface.


Similar Part No. - XR16M564IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554D EXAR-XR16M554D Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554DIV64 EXAR-XR16M554DIV64 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IJ68 EXAR-XR16M554IJ68 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IL48 EXAR-XR16M554IL48 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M564IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com