Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M570IL24 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16M570IL24
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M570IL24 Datasheet(HTML) 4 Page - Exar Corporation

  XR16M570IL24 Datasheet HTML 1Page - Exar Corporation XR16M570IL24 Datasheet HTML 2Page - Exar Corporation XR16M570IL24 Datasheet HTML 3Page - Exar Corporation XR16M570IL24 Datasheet HTML 4Page - Exar Corporation XR16M570IL24 Datasheet HTML 5Page - Exar Corporation XR16M570IL24 Datasheet HTML 6Page - Exar Corporation XR16M570IL24 Datasheet HTML 7Page - Exar Corporation XR16M570IL24 Datasheet HTML 8Page - Exar Corporation XR16M570IL24 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
XR16M570
4
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
REV. 1.0.0
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
DSR#
-
25
C4
I
UART Data-Set-Ready (active low) or general purpose input. This
input should be connected to VCC when not used.
CD#
-
26
-
I
UART Carrier-Detect (active low) or general purpose input. This
input should be connected to VCC when not used.
RI#
-
27
-
I
UART Ring-Indicator (active low) or general purpose input. This
input should be connected to VCC when not used.
ANCILLARY SIGNALS
XTAL1
8
10
D5
I
Crystal or external clock input.
XTAL2
-
11
-
O
Crystal or buffered clock output.
PwrSave
7
-
-
I
Power-Save (active high). This feature isolates the M570’s data bus
interface from the host preventing other bus activities that cause
higher power drain during sleep mode. See Sleep Mode with Auto
Wake-up and Power-Save Feature section for details. This pin does
not have a pull-down resistor. This input should be connected to
GND when not used.
RESET
17
23
A2
I
This input is active high. A 40 ns minimum active pulse on this pin
will reset the internal registers and all outputs of the UART. The
UART transmitter output will be held at logic 1, the receiver input
will be ignored and outputs are reset during reset period (see UART
Reset Conditions).
VCC
19
28
B1
Pwr
1.62V to 3.63V power supply.
GND
10
13
E5
Pwr
Power supply common, ground.
GND
Center
Pad
Center
Pad
-
Pwr
The center pad on the backside of the QFN package is metallic and
should be connected to GND on the PCB. The thermal pad size on
the PCB should be the approximate size of this center pad and
should be solder mask defined. The solder mask opening should be
at least 0.0025" inwards from the edge of the PCB thermal pad.
NC
-
2, 9, 15,
16
-
-
No Connects.
Pin Description
NAME
24-QFN
PIN#
32-QFN
PIN#
25-BGA
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR16M570IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554D EXAR-XR16M554D Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554DIV64 EXAR-XR16M554DIV64 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IJ68 EXAR-XR16M554IJ68 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IL48 EXAR-XR16M554IL48 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M570IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com