Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M554IL48 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16M554IL48
Description  1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M554IL48 Datasheet(HTML) 1 Page - Exar Corporation

  XR16M554IL48 Datasheet HTML 1Page - Exar Corporation XR16M554IL48 Datasheet HTML 2Page - Exar Corporation XR16M554IL48 Datasheet HTML 3Page - Exar Corporation XR16M554IL48 Datasheet HTML 4Page - Exar Corporation XR16M554IL48 Datasheet HTML 5Page - Exar Corporation XR16M554IL48 Datasheet HTML 6Page - Exar Corporation XR16M554IL48 Datasheet HTML 7Page - Exar Corporation XR16M554IL48 Datasheet HTML 8Page - Exar Corporation XR16M554IL48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16M554/554D
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
MAY 2008
REV. 1.0.0
GENERAL DESCRIPTION
The
XR16M554
(M554)
is
a
quad
Universal
Asynchronous Receiver and Transmitter (UART) with
16 bytes of transmit and receive FIFOs, selectable
receive FIFO trigger levels and data rates of up to 4
Mbps at 3.3 V. Each UART has a set of registers that
provide the user with operating status and control,
receiver error indications, and modem serial interface
controls. An internal loopback capability allows
onboard diagnostics. The M554 is available in a 48-
pin QFN, 64-pin LQFP, 68-pin PLCC and 80-pin
LQFP packages. The 64-pin and 80-pin packages
only offer the 16 mode interface, but the 48- and 68-
pin packages offer an additional 68 mode interface
which
allows
easy
integration
with
Motorola
processors. The XR16M554IV (64-pin) offers three
state
interrupt
output
while
the
XR16M554DIV
provides continuous interrupt output. The XR16M554
is compatible with the industry standard ST16C554.
FEATURES
Pin-to-pin compatible with ST16C454, ST16C554,
TI’s TL16C554A and NXP’s SC16C554B
Intel or Motorola Data Bus Interface select
Four independent UART channels
Register Set Compatible to 16C550
Data rates of up to 4 Mbps at 3.3 V, 3.125
Mbps at 2.5 V and 2 Mbps at 1.8 V
16 byte Transmit FIFO
16 byte Receive FIFO with error tags
4 Selectable RX FIFO Trigger Levels
Full modem interface
1.62V to 3.63V supply operation
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. XR16M554 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc / Buffer
Data Bus
Interface
UART Channel A
16 Byte TX FIFO
16 Byte RX FIFO
BRG
TX & RX
UART
Regs
1.62 V to 3.6 V VCC
GND
554BLK
TXB, RXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
TXRDY#A-D
RXRDY#A-D
UART Channel C
(same as Channel A)
TXA, RXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD


Similar Part No. - XR16M554IL48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M554IL48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com