Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M670IL24 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16M670IL24
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M670IL24 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16M670IL24 Datasheet HTML 2Page - Exar Corporation XR16M670IL24 Datasheet HTML 3Page - Exar Corporation XR16M670IL24 Datasheet HTML 4Page - Exar Corporation XR16M670IL24 Datasheet HTML 5Page - Exar Corporation XR16M670IL24 Datasheet HTML 6Page - Exar Corporation XR16M670IL24 Datasheet HTML 7Page - Exar Corporation XR16M670IL24 Datasheet HTML 8Page - Exar Corporation XR16M670IL24 Datasheet HTML 9Page - Exar Corporation XR16M670IL24 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
XR16M670
6
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
REV. 1.0.0
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The M670 data interface supports the Intel compatible types of CPUs. No clock (oscillator
nor external clock) is required for a data bus transaction. Each bus cycle is asynchronous using CS#, IOR#
and IOW# inputs. A typical data bus interconnection for Intel mode is shown in Figure 3.
FIGURE 3. XR16M670 TYPICAL INTEL DATA BUS INTERCONNECTIONS
VCC
VCC
A0
A1
A2
UART_CS#
IOR#
IOW#
CS#
IOR#
IOW#
UART_INT
INT
Intel Data Bus Interconnections
GND
UART_RESET
RESET
RI#
CD#
DSR#
CTS#
RTS#
DTR#
RX
TX
PwrSave
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
Serial Transceivers of
RS-232
RS-485
RS-422
Or Infrared
POWERSAVE


Similar Part No. - XR16M670IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654D EXAR-XR16M654D Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV64 EXAR-XR16M654DIV64 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654IJ68 EXAR-XR16M654IJ68 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - XR16M670IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com