Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M681 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16M681
Description  1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M681 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16M681 Datasheet HTML 6Page - Exar Corporation XR16M681 Datasheet HTML 7Page - Exar Corporation XR16M681 Datasheet HTML 8Page - Exar Corporation XR16M681 Datasheet HTML 9Page - Exar Corporation XR16M681 Datasheet HTML 10Page - Exar Corporation XR16M681 Datasheet HTML 11Page - Exar Corporation XR16M681 Datasheet HTML 12Page - Exar Corporation XR16M681 Datasheet HTML 13Page - Exar Corporation XR16M681 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
XR16M681
10
1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
REV. 1.0.1
2.6
Crystal Oscillator or External Clock Input
The M681 includes an on-chip oscillator to produce a clock for the baud rate generators in the device when a
crystal is connected between XTAL1 and XTAL2 as show below. The CPU data bus does not require this clock
for bus operation. The crystal oscillator provides a system clock to the Baud Rate Generators (BRGs) in the
UART. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. For
programming details, see “Section 2.7, Programmable Baud Rate Generator with Fractional Divisor” on
page 11.
FIGURE 6. TYPICAL CRYSTAL CONNECTIONS
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins. Typical oscillator connections are shown
in Figure 6. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate
generator for standard or custom rates. The BGA package has XTAL1 only, the external clock is required. For
further reading on oscillator circuit, see application note DAN108 on EXAR’s web site.


Similar Part No. - XR16M681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IB25 EXAR-XR16M680IB25 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IL32 EXAR-XR16M680IL32 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IM48 EXAR-XR16M680IM48 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
More results

Similar Description - XR16M681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M781 EXAR-XR16M781 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL32-F EXAR-XR16M781IL32-F Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com