Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M681IL24 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16M681IL24
Description  1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M681IL24 Datasheet(HTML) 1 Page - Exar Corporation

  XR16M681IL24 Datasheet HTML 1Page - Exar Corporation XR16M681IL24 Datasheet HTML 2Page - Exar Corporation XR16M681IL24 Datasheet HTML 3Page - Exar Corporation XR16M681IL24 Datasheet HTML 4Page - Exar Corporation XR16M681IL24 Datasheet HTML 5Page - Exar Corporation XR16M681IL24 Datasheet HTML 6Page - Exar Corporation XR16M681IL24 Datasheet HTML 7Page - Exar Corporation XR16M681IL24 Datasheet HTML 8Page - Exar Corporation XR16M681IL24 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16M681
1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
AUGUST 2009
REV. 1.0.1
GENERAL DESCRIPTION
The XR16M6811 (M681) is an enhanced Universal
Asynchronous Receiver and Transmitter (UART) with
a VLIO bus interface and has 32 bytes of transmit
and receive FIFOs, programmable transmit and
receive FIFO trigger levels, automatic hardware and
software flow control, and data rates of up to 20 Mbps
at 3.3V, 16 Mbps at 2.5V and 10 Mbps at 1.8V with
4X data sampling rate.
The Auto RS-485 Half-Duplex Direction control
feature simplifies both the hardware and software for
half-duplex RS-485 applications. In addition, the
Multidrop mode with Auto Address detection
increases the performance by simplifying the
software routines.
The Independent TX/RX Baud Rate Generator
feature allows the transmitter and receiver to operate
at different baud rates. Power consumption of the
M681 can be minmized by enabling the sleep mode
and PowerSave mode.
The M681 has a 16550 compatible register set that
provide users with operating status and control,
receiver error indications, and modem serial interface
controls. An internal loopback capability allows
onboard diagnostics. The M681 is available in 24-pin
QFN, 32-pin QFN and 25-pin BGA packages.
NOTE: 1 Covered by U.S. Patent #5,649,122.
FEATURES
VLIO bus interface
Pin-to-pin compatible with SC16C850V and
SC16C850SV in 32-QFN package
20 Mbps maximum data rate
Programmable TX/RX FIFO Trigger Levels
TX/RX FIFO Level Counters
Independent TX/RX Baud Rate Generator
Fractional Baud Rate Generator
Auto RTS/CTS Hardware Flow Control
Auto XON/XOFF Software Flow Control
Auto RS-485 Half-Duplex Direction Control
Multidrop mode w/ Auto Address Detect
Sleep Mode with Automatic Wake-up
PowerSave mode
Infrared (IrDA 1.0 and 1.1) mode
1.62V to 3.63V supply operation
Crystal oscillator or external clock input
APPLICATIONS
Personal Digital Assistants (PDA)
Cellular Phones/Data Devices
Battery-Operated Devices
Global Positioning System (GPS)
Bluetooth
FIGURE 1. XR16M681 BLOCK DIAGRAM
VCC
XTAL1
XTAL2
Crystal Osc/Buffer
TX, RX,
RTS#, CTS#,
DTR#, DSR#,
VLIO Bus
Interface
32 Byte RX FIFO
RX
BRG
IR
ENDEC
TX &
RX
UART
Regs
LLA#
PwrSave
32 Byte TX FIFO
RI#, CD#
RESET#
AD7:AD0
IOW #
CS#
INT
IOR#
GND
(1.62 to 3.63 V)
TX
BRG


Similar Part No. - XR16M681IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IB25 EXAR-XR16M680IB25 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IL32 EXAR-XR16M680IL32 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IM48 EXAR-XR16M680IM48 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
More results

Similar Description - XR16M681IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M781 EXAR-XR16M781 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL32-F EXAR-XR16M781IL32-F Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com