Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M681IL32 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16M681IL32
Description  1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M681IL32 Datasheet(HTML) 5 Page - Exar Corporation

  XR16M681IL32 Datasheet HTML 1Page - Exar Corporation XR16M681IL32 Datasheet HTML 2Page - Exar Corporation XR16M681IL32 Datasheet HTML 3Page - Exar Corporation XR16M681IL32 Datasheet HTML 4Page - Exar Corporation XR16M681IL32 Datasheet HTML 5Page - Exar Corporation XR16M681IL32 Datasheet HTML 6Page - Exar Corporation XR16M681IL32 Datasheet HTML 7Page - Exar Corporation XR16M681IL32 Datasheet HTML 8Page - Exar Corporation XR16M681IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
XR16M681
5
REV. 1.0.1
1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
1.0 PRODUCT DESCRIPTION
The XR16M681 (M681) is a high performance single-channel UART with a VLIO bus interface. It has its set of
device configuration registers. The configuration registers set is 16550 UART compatible for control, status
and data transfer. Additionally, the M681 channel has 32 bytes of transmit and receive FIFOs, Automatic RTS/
CTS Hardware Flow Control, Automatic Xon/Xoff and Special Character Software Flow Control, infrared
encoder and decoder (IrDA ver 1.0 and 1.1), programmable fractional baud rate generator with a prescaler of
divide by 1 or 4, and data rate up to 20 Mbps. The XR16M681 can operate from 1.62 to 3.63 volts. The M681
is fabricated with an advanced CMOS process.
Larger FIFO
The M681 provides a solution that supports 32 bytes of transmit and receive FIFO memory, instead of 16 bytes
in the XR16L580. The M681 is designed to work with high performance data communication systems, that
requires fast data processing time. Increased performance is realized in the M681 by the larger transmit and
receive FIFOs, FIFO trigger level control and automatic flow control mechanism. This allows the external
processor to handle more networking tasks within a given time. For example, the XR16L580 with a 16 byte
FIFO, unloads 16 bytes of receive data in 1.53 ms (This example uses a character length of 11 bits, including
start/stop bits at 115.2Kbps). This means the external CPU will have to service the receive FIFO at 1.53 ms
intervals. However with the 32 byte FIFO in the M681, the data buffer will not require unloading/loading for 6.1
ms. This increases the service interval giving the external CPU additional time for other applications and
reducing the overall UART interrupt servicing time. In addition, the programmable FIFO level trigger interrupt
and automatic hardware/software flow control is uniquely provided for maximum data throughput performance
especially when operating in a multi-channel system. The combination of the above greatly reduces the CPU’s
bandwidth requirement, increases performance, and reduces power consumption.
Data Rate
The M681 is capable of operation up to 20 Mbps at 3.3V with 4X internal sampling clock rate. The device can
operate at 3.3V with a 24 MHz crystal on pins XTAL1 and XTAL2, or external clock source of 80 MHz on XTAL1
pin. With a typical crystal of 14.7456 MHz and through a software option, the user can set the prescaler bit and
sampling rate for data rates of up to 3.68 Mbps.
Enhanced Features
The rich feature set of the M681 is available through the internal registers. Automatic hardware/software flow
control, programmable transmit and receive FIFO trigger levels, selectable baud rates, infrared encoder/
decoder, modem interface controls, and a sleep mode are all standard features. MCR bit-5 provides a facility
for turning off (Xon) software flow control with any incoming (RX) character. The M681 includes new features
such as 9-bit (Multidrop) mode, auto RS-485 half-duplex direction control, different baud rate for TX and RX,
fast IR mode and fractional baud rate generator.


Similar Part No. - XR16M681IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IB25 EXAR-XR16M680IB25 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IL32 EXAR-XR16M680IL32 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680IM48 EXAR-XR16M680IM48 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
More results

Similar Description - XR16M681IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M781 EXAR-XR16M781 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL32-F EXAR-XR16M781IL32-F Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com