Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M752IL32 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16M752IL32
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M752IL32 Datasheet(HTML) 3 Page - Exar Corporation

  XR16M752IL32 Datasheet HTML 1Page - Exar Corporation XR16M752IL32 Datasheet HTML 2Page - Exar Corporation XR16M752IL32 Datasheet HTML 3Page - Exar Corporation XR16M752IL32 Datasheet HTML 4Page - Exar Corporation XR16M752IL32 Datasheet HTML 5Page - Exar Corporation XR16M752IL32 Datasheet HTML 6Page - Exar Corporation XR16M752IL32 Datasheet HTML 7Page - Exar Corporation XR16M752IL32 Datasheet HTML 8Page - Exar Corporation XR16M752IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
FIGURE 3. PIN OUT ASSIGNMENT - STBGA PACKAGE
1 2
3 4
5 6 7
A
B
C
D
E
F
G
Transparent Top View
A1 Corner
NC
D3
D0
RIA#
CTSA#
RS485#
DTRA#
D5
D4
D1
D2
VCC
DSRA#
RESET
D6
D7
RXB
TXRDYA#
CDA#
OP2A#
DTRB#
TXB
RXA
TXA
TXRDYB#
RTSA#
INTA
INTB
CSB#
CSA#
OP2B#
RIB#
RXRDYA#
A0
A1
PWRSAVE
IOW#
CDB#
RXRDYB#
DSRB#
CTSB#
ENIR#
XTAL1
XTAL2
GND
IOR#
RTSB#
16/68#
A2
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR16M752IL32
32-pin QFN
-40°C to +85°C
Active
XR16M752IM48
48-Lead TQFP
-40°C to +85°C
Active
XR68M752IL32
32-pin QFN
-40°C to +85°C
Active
XR68M752IM48
48-Lead TQFP
-40°C to +85°C
Active
XR68M752IB49
49-pin STBGA
-40°C to +85°C
Active
XR16M752/XR68M752
3
REV. 1.1.1
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO


Similar Part No. - XR16M752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com