Electronic Components Datasheet Search |
|
MAADCC0006TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAADCC0006TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz Rev. V5 MAADCC0006 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Attenuation: 1 dB Steps to 15 dB • Low DC Power Consumption • Small Footprint, JEDEC Package • Integral TTL Driver • 50 Ohm Impedance • Test Boards Available • Tape and Reel Packaging Available • Lead-Free CSP-1 Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of AT90-0413 Description M/A-COM’s MAADCC0006 is a GaAs FET 4-Bit digi- tal attenuator with integral driver. Step size is 1 dB providing a 15 dB attenuation range. This device is in an PQFN plastic surface mount package. The MAADCC0006 is suited for applications where accu- racy, fast speed, low power consumption and low costs are required. Ordering Information Part Number Package MAADCC0006 Bulk Packaging MAADCC0006TR 1000 piece reel MAADCC0006-TB Sample Test Board Note: Reference Application Note M513 for reel size information. Schematic with Off-Chip Components Pin Configuration 2 Pin No. Function Pin No. Function 1 GND 17 N/C 2 C8 18 N/C 3 C4 19 N/C 4 C2 20 N/C 5 C1 21 N/C 6 GND 22 N/C 7 GND 23 N/C 8 N/C 24 N/C 9 N/C 25 N/C 10 N/C1 26 GND 11 GND 27 RF2 12 RF1 28 GND 13 GND 29 N/C1 14 N/C 30 Vee 15 N/C 31 N/C 16 N/C 32 +Vcc * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. Pins 10 & 29 must be isolated. 2. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) |
Similar Part No. - MAADCC0006TR |
|
Similar Description - MAADCC0006TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |