Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0009 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0009
Description  Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0009 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 30 dB, 4-Bit
DC - 2.0 GHz
Rev. V1
MAADSS0009
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation 2-dB Steps to 30 dB
• High Accuracy
• Low Intermodulation Product: +50 dBm IP3
• Low DC Power Consumption: 50 µW
• Temperature Stability +/-0.15 dB: -40°C to +85°C
• Lead-Free SOIC-16 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-220
Description
M/A-COM’s MAADSS0009 is a 4-bit, 2-dB step
GaAs MMIC digital attenuator in a lead-free SOIC
16-lead
surface
mount
plastic
package.
The
MAADSS0009 is ideally suited for use where high
accuracy,
fast
switching,
very
low
power
consumption and low intermodulation products are
required. Typical applications include radio and
cellular equipment, wireless LANs, GPS equipment
and other Gain/Level Control circuits.
The MAADSS0009 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
1
Part Number
Package
MAADSS0009
Lead-Free SOIC 16-Lead
MAADSS0009TR-3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
50 MHz
500-2000 MHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V
≤ V
C ≤ 5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
9
RF2
2
VC1
10
GND
3
VC2
11
GND
4
VC2
12
GND
5
VC3
13
GND
6
VC3
14
GND
7
VC4
15
GND
8
VC4
16
RF1
Functional Schematic
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RF1
GND
GND
GND
GND
GND
GND
RF2
16 dB
8 dB
4 dB
2 dB
VC1
VC1
VC2
VC2
VC3
VC3
VC4
VC4
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAADSS0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
550Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit
logo
Tyco Electronics
MAADSS0009TR-3000 MACOM-MAADSS0009TR-3000 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0009TR-3000 MA-COM-MAADSS0009TR-3000 Datasheet
550Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit
More results

Similar Description - MAADSS0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
   Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
   Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com