Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0008SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0008SMB
Description  Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0008SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0008SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0008SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0008SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 1-Bit, 15 dB
DC - 2.0 GHz
Rev. V1
MAADSS0008
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Truth Table
5,6
Mode
(Control)
V1
V2
Attenuation
Positive
5
0 ± 0.2V
+2.5V to +5V
+2.5V to +5V
0 ± 0.2V
15 dB
Reference State
Negative
6
0 ± 0.2V
-2.5V to -5V
-2.5V to -5V
0 ± 0.2V
Reference State
15 dB
5. External DC blocking capacitors are required as noted.
6. If negative control is used, DC blocking capacitors are not
required on RF ports and ground.
Electrical Specifications
4: T
A = 25°C, VC = +2.5 Volts, Z0 = 50
Ω
Positive Control Voltage Schematic
5
4
1
3
2
39 pF
39 pF
39 pF
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
(Reference State)
1.0 GHz
2.0 GHz
dB
dB
0.3
0.4
0.4
0.5
Attenuation
1.0 GHz
2.0 GHz
dB
dB
14.6
14.4
15.1
14.9
15.6
15.4
VSWR
1.0 GHz
2.0 GHz
Ratio
Ratio
1.2:1
1.3:1
Input IP3
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
40
40
50
50
P1dB
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
24
20
26
23
Control Current
µA
10
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
29
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
50
Transients
In-band
mV
10
4. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3).
Lead-Free SOT-25
† Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - MAADSS0008SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADSS0008SMB MACOM-MAADSS0008SMB Datasheet
218Kb / 3P
   Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAADSS0008SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
   Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
   Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
   Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
   Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com