Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0010TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0010TR
Description  Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0010TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0010TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0010TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0010TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0010TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0010TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
Rev. V2
MAADSS0010
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss
Attenuation at Major Bits
Input Return Loss
Output Return Loss
Attenuation Accuracy
Attenuation Accuracy vs. Setting
0
1
2
3
4
5
0
500
1000
1500
2000
2500
3000
+25ºC
-40ºC
+85ºC
Frequency (MHz)
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-20
-15
-10
-5
0
5
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
0
4
8
12
16
20242832
250 MHz
400 MHz
900 MHz
1900 MHz
2200 MHz
2500 MHz
Attenuation Setting (dB)


Similar Part No. - MAADSS0010TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADSS0010TR MACOM-MAADSS0010TR Datasheet
174Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
More results

Similar Description - MAADSS0010TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
   Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
   Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com