Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0012 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0012
Description  Digital Attenuator, 1-Bit, Single Control 21 dB, 0.8 - 8.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0012 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0012 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0012 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0012 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator, 1-Bit, Single Control
21 dB, 0.8 - 8.0 GHz
Rev. V2
MAADSS0012
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free
2 mm 8-Lead PDFN
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Typical Performance Curves
IP2
IP3
40
41
42
43
44
45
46
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Insertion Loss State
Attenuation State
Frequency (GHz)
65
70
75
80
85
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Insertion Loss State
Attenuation State
Frequency (GHz)


Similar Part No. - MAADSS0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012SMB MA-COM-MAADSS0012SMB Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012TR-3000 MA-COM-MAADSS0012TR-3000 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
More results

Similar Description - MAADSS0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
logo
Hittite Microwave Corpo...
HMC425LP3 HITTITE-HMC425LP3 Datasheet
200Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
logo
Analog Devices
HMC425ALP3 AD-HMC425ALP3 Datasheet
1Mb / 4P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Hittite Microwave Corpo...
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com