Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0013 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013
Description  Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0013 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Digital Attenuator, 4-Bit, Single Control
15 dB, 0.05 - 4.0 GHz
Rev. V1
MAADSS0013
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Input Return Loss, Insertion Loss State
Typical Performance Curves
Relative Attenuation across all major states
Insertion Loss
Input Return Loss, across all major attenuation states
Output Return Loss, across all major attenuation states
Output Return Loss, Insertion Loss State
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)


Similar Part No. - MAADSS0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013 MA-COM-MAADSS0013 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013SMB MA-COM-MAADSS0013SMB Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013TR-1000 MA-COM-MAADSS0013TR-1000 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013TR-3000 MA-COM-MAADSS0013TR-3000 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
More results

Similar Description - MAADSS0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Tyco Electronics
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
   Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com