Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0016 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016
Description  Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead Free
3 mm 16-Lead PQFN
† Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Typical Performance Curves
Input IP3 @ 0.5 GHz
Input IP3 @ 2 GHz
40
42
44
46
48
50
52
0
4
8
12
1620242832
IIP3_Low
IIP3_High
Attenuation
40
42
44
46
48
50
52
0
4
8
12
1620242832
IIP3_Low
IIP3_High
Attenuation


Similar Part No. - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016TR-1000 MA-COM-MAADSS0016TR-1000 Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016TR-3000 MA-COM-MAADSS0016TR-3000 Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
More results

Similar Description - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com