Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0018 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0018
Description  Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0018 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 5-Bit, Single Control
15.5 dB, 2.0 - 6.0 GHz
Rev. V1
MAADSS0018
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 2.0 dB @ 3.4 GHz
• IP3: >42 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.3 dB + 3% @ 3.4 GHz
• 0.5 dB Attenuation Steps to 15.5 dB
• Lead-Free 3 mm 16-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAADSS0018 is a 5-bit, 0.5-dB step
GaAs MMIC digital attenuator in a lead-free 3mm 16
lead PQFN surface mount plastic package. The
MAADSS0018 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation
products
are
required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain / level control
circuits.
The MAADSS0018 is part of a digital attenuator
family. This family includes 4, 5 and 6 bit attenuators
with 0.5, 1 or 2 dB steps and up to 31.5 range.
Functional Schematic 3
3. Blocking capacitors are required on all RF ports
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 1,2
Part Number
Package
MAADSS0018TR-3000
3000 piece reel
MAADSS0018SMB
Sample Board
MAADSS0018TR-1000
1000 piece reel
Pin No.
Function
Pin No.
Function
1
V0.5 (0.5dB Bit)
9
RF In/Out
2
Ground
10
Ground
3
RF In/Out
11
VDD
4
Ground
12
Ground
5
Ground
13
V8 (8dB Bit)
6
Ground
14
V4 (4dB Bit)
7
Ground
15
V2 (2dB Bit)
8
Ground
16
V1 (1dB Bit)
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018_15 Datasheet
129Kb / 4P
   Digital Attenuator
More results

Similar Description - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com