Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0018 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0018
Description  Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0018 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0018 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 5-Bit, Single Control
15.5 dB, 2.0 - 6.0 GHz
Rev. V1
MAADSS0018
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 4: TA = 25°C, Z0 = 50 Ω, VDD = 5 V, VC = 5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
3.4 GHz
dB
0.0
2.0
3.0
Attenuation Accuracy
3.4 GHz
± (0.3 dB + 3% of attenuation setting in dB) dB
VSWR
2.0 - 6.0 GHz
Ratio
1.45:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
50
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
50
Transients
In Band
mV
75
Input P1dB
2.0 GHz
dBm
25
IP2
2-Tone, +5 dBm/tone, 1 MHz Spacing
2.0 - 6.0 GHz
dBm
80
IP3
2-Tone, +5 dBm/tone, 1 MHz Spacing
2.0 - 6.0 GHz
dBm
42
IC
VC = 5 V
µA
15
25
IDD
VDD = 5 V
µA
225
300
4. External DC blocking capacitors are required on all RF ports.
Truth Table 5
VC0.5 VC1
VC2
VC4
VC8 Attenuation (dB)
0
0
0
0
0
Reference IL
1
0
0
0
0
0.5
0
1
0
0
0
1
0
0
1
0
0
2
0
0
0
1
0
4
0
0
0
0
1
8
1
1
1
1
1
15.5
5. 0 = 0 V, 1 = 2.8 to 5V
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
2.0 - 6.0 GHz
+33 dBm
Control Voltage
-0.5 V < VC < 5.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018_15 Datasheet
129Kb / 4P
   Digital Attenuator
More results

Similar Description - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com