Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0044 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0044
Description  Low Noise Amplifier 1.5 - 1.6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0044 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. V1
MAALSS0044
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOIC-8
† Reference Application Note M538 for lead-free solder reflow recommendations.
Additional information is available in Application Note M540, “M/A-COM GaAs MMIC LNA SOIC-8 Platform”.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MAALSS0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier
MAALSS0044 MA-COM-MAALSS0044 Datasheet
733Kb / 5P
   Low Noise Amplifier
logo
Tyco Electronics
MAALSS0044SMB MACOM-MAALSS0044SMB Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
M/A-COM Technology Solu...
MAALSS0044SMB MA-COM-MAALSS0044SMB Datasheet
733Kb / 5P
   Low Noise Amplifier
More results

Similar Description - MAALSS0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com