Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0048PDC Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0048PDC
Description  Low Noise Amplifier 1400 - 2000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0048PDC Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0048PDC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAALSS0048PDC Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Low Noise Amplifier
1400 - 2000 MHz
Rev. V2
MAALSS0048
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
External Circuitry Parts List 10
Part
Value
Purpose
C1
47 pF
DC Block
C2
470 pF
By-Pass
L1
10 nH
Tuning
L2
3.9 nH
Tuning
L3
22 nH
RF Choke
R1
See note 11
Current control
C3
470 pF
By-Pass
10. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.)
11. Pin 5 allows use of an external resistor to ground for
optional, higher current.
For IDD ~ 5 mA, R1 = 150 Ω;
IDD ~ 6.5 mA, R1 = 120 Ω;
IDD ~ 20 mA, R1 = 27 Ω.
Functional Schematic
Data for 1400 - 1520 MHz Operation
RF
Input
RF
Output
C1
L1
R1
(See note 11)
L2
VDD
2,4
3
6
1
5
C2
C3
L3
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ohm
lines and package pins. M/A-COM recommends an FR-4 di-
electric thickness of 0.008” (0.20 mm) yielding a 50 Ohm line
width of 0.015” (0.38 mm). The recommended RF metalization
thickness is 1 ounce copper.
Recommended PCB Configuration
Layout View
Pin 1


Similar Part No. - MAALSS0048PDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0048PDC MACOM-MAALSS0048PDC Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048PDC MA-COM-MAALSS0048PDC Datasheet
926Kb / 9P
   Low Noise Amplifier
More results

Similar Description - MAALSS0048PDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com