Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDI040N06 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDI040N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI040N06 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDI040N06 Datasheet HTML 1Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 2Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 3Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 4Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 5Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 6Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 7Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDI040N06 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.01
0.1
1
0.1
1
10
100
1000
*Notes:
1. 250
µµµµs Pulse Test
2. TC = 25
o
C
VGS = 15.0V
10.0V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
6
2
3
4
5
6
7
8
1
10
100
1000
-55
o
C
175
o
C
*Notes:
1. VDS = 10V
2. 250
µµµµs Pulse Test
25
o
C
VGS,Gate-Source Voltage[V]
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
*Notes:
1. V
GS = 0V
2. 250
µµµµs Pulse Test
175
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
0
60
120
180
240
300
360
2.5
3.0
3.5
4.0
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.1
1
10
100
1000
10000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
0
20
40
60
80
100
120
0
2
4
6
8
10
*Note: ID = 75A
VDS = 12V
VDS = 30V
VDS = 48V
Qg, Total Gate Charge [nC]


Similar Part No. - FDI040N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDI040N06 ISC-FDI040N06 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDI040N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP040N06 FAIRCHILD-FDP040N06 Datasheet
592Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com