Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDI040N06 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDI040N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI040N06 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDI040N06 Datasheet HTML 1Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 2Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 3Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 4Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 5Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 6Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 7Page - Fairchild Semiconductor FDI040N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDI040N06 Rev. A
www.fairchildsemi.com
7
Mechanical Dimensions
I2-PAK
9.90
±0.20
2.40
±0.20
4.50
±0.20
1.27
±0.10
1.47
±0.10
0.80
±0.10
10.00
±0.20
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05


Similar Part No. - FDI040N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDI040N06 ISC-FDI040N06 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDI040N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP040N06 FAIRCHILD-FDP040N06 Datasheet
592Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com