Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M2752IJ44 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16M2752IJ44
Description  1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2752IJ44 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16M2752IJ44 Datasheet HTML 4Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 5Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 6Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 7Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 8Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 9Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 10Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 11Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
XR16M2752
8
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
REV. 1.0.0
2.5
Channel A and B Internal Registers
Each UART channel in the M2752 has a set of enhanced registers for control, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550 and dual ST16C2550. These registers function as data holding registers (THR/RHR), interrupt status
and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/
LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/
DLM/DLD), and a user accessible Scratchpad Register (SPR).
Beyond the general 16C2550 features and capabilities, the M2752 offers enhanced feature registers (EMSR,
FLVL, EFR, Xon/Xoff 1, Xon/Xoff 2, FCTR, TRG, FC) that provide automatic RTS and CTS hardware flow
control, Xon/Xoff software flow control, automatic RS-485 half-duplex direction output enable/disable, FIFO
trigger level control, and FIFO level counters. All the register functions are discussed in full detail later in
“Section 3.0, UART Internal Registers” on page 21.
2.6
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn’t
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A/B and TXRDY# A/B output pins. The transmit and receive FIFO trigger levels provide additional
flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive
FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is
disabled (FCR bit-3 = 0), the M2752 is placed in single-character mode for data transmit or receive operation.
When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or
unloading the FIFO in a block sequence determined by the programmed trigger level. In this mode, the M2752
sets the TXRDY# pin when the transmit FIFO becomes full, and sets the RXRDY# pin when the receive FIFO
becomes empty. The following table shows their behavior. Also see Figures 17 through 22.
TABLE 1: CHANNEL A AND B SELECT
CS#
CHSEL
FUNCTION
1
X
UART de-selected
0
1
Channel A selected
0
0
Channel B selected
TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY# A/B LOW = 1 byte.
HIGH = no data.
LOW = at least 1 byte in FIFO.
HIGH = FIFO empty.
HIGH to LOW transition when FIFO reaches the
trigger level, or time-out occurs.
LOW to HIGH transition when FIFO empties.
TXRDY# A/B LOW = THR empty.
HIGH = byte in THR.
LOW = FIFO empty.
HIGH = at least 1 byte in FIFO.
LOW = FIFO has at least 1 empty location.
HIGH = FIFO is full.


Similar Part No. - XR16M2752IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2752IJ44 EXAR-XR16M2752IJ44 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M2752IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2750 EXAR-XR16M2750 Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2751 EXAR-XR16M2751_07 Datasheet
1Mb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752IL32-F EXAR-XR16M2752IL32-F Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com