Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16V564 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16V564
Description  2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V564 Datasheet(HTML) 5 Page - Exar Corporation

  XR16V564 Datasheet HTML 1Page - Exar Corporation XR16V564 Datasheet HTML 2Page - Exar Corporation XR16V564 Datasheet HTML 3Page - Exar Corporation XR16V564 Datasheet HTML 4Page - Exar Corporation XR16V564 Datasheet HTML 5Page - Exar Corporation XR16V564 Datasheet HTML 6Page - Exar Corporation XR16V564 Datasheet HTML 7Page - Exar Corporation XR16V564 Datasheet HTML 8Page - Exar Corporation XR16V564 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
XR16V564/564D
5
REV. 1.0.2
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
CSB#
(A3)
9
11
20
33
I
When 16/68# pin is HIGH, this input is chip select B
(active low) to enable channel B in the device.
When 16/68# pin is LOW, this input becomes address
line A3 which is used for channel selection in the
Motorola bus interface.
CSC#
(A4)
27
38
50
73
I
When 16/68# pin is HIGH, this input is chip select C
(active low) to enable channel C in the device.
When 16/68# pin is LOW, this input becomes address
line A4 which is used for channel selection in the
Motorola bus interface.
CSD#
(VCC)
31
42
54
68
I
When 16/68# pin is HIGH, this input is chip select D
(active low) to enable channel D in the device.
When 16/68# pin is LOW, this input is not used and
should be connected VCC.
INTA
(IRQ#)
4
6
15
27
O
(OD)
When 16/68# pin is HIGH for Intel bus interface, this
ouput becomes channel A interrupt output. The output
state is defined by the user and through the software
setting of MCR[3]. INTA is set to the active mode when
MCR[3] is set to a logic 1. INTA is set to the three state
mode when MCR[3] is set to a logic 0 (default). See
MCR[3].
When 16/68# pin is LOW for Motorola bus interface,
this output becomes device interrupt output (active
low, open drain). An external pull-up resistor is
required for proper operation.
INTB
INTC
INTD
(N.C.)
10
26
32
12
37
43
21
49
55
34
67
74
O
When 16/68# pin is HIGH for Intel bus interface, these
ouputs become the interrupt outputs for channels B, C,
and D. The output state is defined by the user through
the software setting of MCR[3]. The interrupt outputs
are set to the active mode when MCR[3] is set to a
logic 1 and are set to the three state mode when
MCR[3] is set to a logic 0 (default). See MCR[3].
When 16/68# pin is LOW for Motorola bus interface,
these outputs are unused and will stay at logic zero
level. Leave these outputs unconnected.
TXRDY#
-
-
39
55
O
Transmitter Ready (active low). This output is a logi-
cally ANDed status of TXRDY# A-D. See Table 5. If
this output is unused, leave it unconnected.
RXRDY#
-
-
38
54
O
Receiver Ready (active low). This output is a logically
ANDed status of RXRDY# A-D. See Table 5. If this
output is unused, leave it unconnected.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN #
80-LQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V564

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564D EXAR-XR16V564D Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564DIV EXAR-XR16V564DIV Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564IJ EXAR-XR16V564IJ Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564IL EXAR-XR16V564IL Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
More results

Similar Description - XR16V564

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com