Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16V554IL Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16V554IL
Description  2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V554IL Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16V554IL Datasheet HTML 2Page - Exar Corporation XR16V554IL Datasheet HTML 3Page - Exar Corporation XR16V554IL Datasheet HTML 4Page - Exar Corporation XR16V554IL Datasheet HTML 5Page - Exar Corporation XR16V554IL Datasheet HTML 6Page - Exar Corporation XR16V554IL Datasheet HTML 7Page - Exar Corporation XR16V554IL Datasheet HTML 8Page - Exar Corporation XR16V554IL Datasheet HTML 9Page - Exar Corporation XR16V554IL Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
XR16V554/554D
6
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
REV. 1.0.2
INTSEL
38
-
65
6
I
Interrupt Select (active high, input with internal pull-
down).
When 16/68# pin is HIGH for Intel bus interface, this pin
can be used in conjunction with MCR bit-3 to enable or
disable the INT A-D pins or override MCR bit-3 and
enable the interrupt outputs. Interrupt outputs are
enabled continuously when this pin is HIGH. MCR bit-3
enables and disables the interrupt output pins. In this
mode, MCR bit-3 is set to a logic 1 to enable the contin-
uous output. See MCR bit-3 description for full detail.
This pin must be LOW in the Motorola bus interface
mode. For the 64 pin packages, this pin is bonded to
VCC internally in the XR16V554D so the INT outputs
operate in the continuous interrupt mode. This pin is
bonded to GND internally in the XR16V554 and there-
fore requires setting MCR bit-3 for enabling the inter-
rupt output pins.
MODEM OR SERIAL I/O INTERFACE
TXA
TXB
TXC
TXD
6
8
28
30
8
10
39
41
17
19
51
53
29
32
69
72
O
UART channels A-D Transmit Data and infrared trans-
mit data. In this mode, the TX signal will be HIGH dur-
ing reset, or idle (no data).
RXA
RXB
RXC
RXD
48
13
22
36
62
20
29
51
7
29
41
63
17
44
57
4
I
UART channel A-D Receive Data. Normal receive data
input must idle HIGH.
RTSA#
RTSB#
RTSC#
RTSD#
3
11
25
33
5
13
36
44
14
22
48
56
26
35
66
75
O
UART channels A-D Request-to-Send (active low) or
general purpose output. If these outputs are not used,
leave them unconnected.
CTSA#
CTSB#
CTSC#
CTSD#
1
12
23
35
2
16
33
47
11
25
45
59
23
38
63
78
I
UART channels A-D Clear-to-Send (active low) or gen-
eral purpose input. These inputs should be connected
to VCC when not used.
DTRA#
DTRB#
DTRC#
DTRD#
-
-
-
-
3
15
34
46
12
24
46
58
24
37
64
77
O
UART channels A-D Data-Terminal-Ready (active low)
or general purpose output. If these outputs are not
used, leave them unconnected.
DSRA#
DSRB#
DSRC#
DSRD#
-
-
-
-
1
17
32
48
10
26
44
60
22
39
62
79
I
UART channels A-D Data-Set-Ready (active low) or
general purpose input. This input should be connected
to VCC when not used. This input has no effect on the
UART.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN#
80-LQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V554IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554IL EXAR-XR16V554IL Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16V554IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com