Electronic Components Datasheet Search |
|
MAFLCC0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAFLCC0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 4 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 Low Cost SMT High Pass Filter 800 – 3000 MHz Rev. V3 MAFLCC0004 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Small Size and Low Profile • Superior Repeatability • Typical Insertion Loss 0.5 dB • Typical Rejection 20 dB • 2 Watt Power Handling • Lead-Free SO-8 Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of FL05-0001-G Description M/A-COM’s MAFLCC0004 is an IC-based monolithic high pass filter in a low cost SOIC-8 plastic package. This filter is ideally suited for applications where small size, low cost, and low loss are required. Typical applications include base station switching networks and portable phones where size and PCB real estate are at a premium. Available in tape and reel. The MAFLCC0004 is fabricated using a passive- integrated circuit process. The process features full- chip passivation for increased performance and reli- ability. Ordering Information Part Number Package MAFLCC0004 Bulk Packaging MAFLCC0004-TR 1000 piece reel MAFLCC0004-TB Sample Test Board Note: Reference Application Note M513 for reel size information. Functional Block Diagram Pin Configuration Pin No. Function Pin No. Function 1 GND 5 GND 2 RF IN 6 GND 3 GND 7 RF OUT 4 GND 8 GND * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. |
Similar Part No. - MAFLCC0004 |
|
Similar Description - MAFLCC0004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |