Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCW1643US-50 Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # SCW1643US-50
Description  High Flux Type LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SCW1643US-50 Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  SCW1643US-50 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-50 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Page 3
SCW1643US
SCW1653US
Power Dissipation
Pd
1,580
1,580
mW
Forward Current
IF
360
360
mA
Pulse Forward
Current
※ 1
IFRM
600
600
mA
Forward Current
Derating
※ 2
(Ta=55℃ or
higher)
⊿ IF
5.33
5.33
mA/℃
Pulse Forward
Current Derating
(Ta=60℃ or
higher)
⊿ IFRM
10.7
10.7
mA/℃
Reverse Voltage
VR
55
V
Operating
Temperature
Topr
Storage
Temperature
Tstg
-40~ +100
Item
Symbol
Unit
Absolute Maximum Ratings
-40~ +85
(Ta=25℃)
High Flux Type LED
2009.5.30
Ratings
SCW1643US
SCW1653US
Junction Temperature
(MAX.)
Tj
120
120
Thermal Resistance
(TYP.)
(Junction/ ambient)
R(th j-a)
40
40
℃/W
Thermal Resistance
(TYP.)
(Junction/ Solder Point)
R(th j-s)
20
20
℃/W
Item
Symbol
Unit
※R
(th j-a) Measurement Condition / Substrate: Aluminum (t=2.0mm) PCB Size : 36 x 36 mm
(Ta=25℃)
SCW16□3US Series
Absolute Maximum Ratings
※1 IFRM Measurement condition : Pulse Width≦10ms., Duty≦1/10.
※2 R(th j-a) = 40 ℃/W
Thermal Characteristics


Similar Part No. - SCW1643US-50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1631-100FCR MA-COM-SCW1631-100FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100LCR MA-COM-SCW1631-100LCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100R MA-COM-SCW1631-100R Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100SCR MA-COM-SCW1631-100SCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100STR MA-COM-SCW1631-100STR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results

Similar Description - SCW1643US-50

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140UY1C FORYARD-FYLF-1140UY1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1860UW1C FORYARD-FYLF-1860UW1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UY1C FORYARD-FYLF-1110UY1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1130UW1C FORYARD-FYLF-1130UW1C_15 Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1130UW1C-UWW FORYARD-FYLF-1130UW1C-UWW Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1140UB1C FORYARD-FYLF-1140UB1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1140UW1C FORYARD-FYLF-1140UW1C_15 Datasheet
405Kb / 7P
   Flux LED Type
FYLF-1860PG1C FORYARD-FYLF-1860PG1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1860UR1C FORYARD-FYLF-1860UR1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UB1C FORYARD-FYLF-1110UB1C Datasheet
404Kb / 7P
   Flux LED Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com