Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F22521B Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN8F22521B
Description  8-Bit Micro-Controller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F22521B Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN8F22521B Datasheet HTML 3Page - SONiX Technology Company SN8F22521B Datasheet HTML 4Page - SONiX Technology Company SN8F22521B Datasheet HTML 5Page - SONiX Technology Company SN8F22521B Datasheet HTML 6Page - SONiX Technology Company SN8F22521B Datasheet HTML 7Page - SONiX Technology Company SN8F22521B Datasheet HTML 8Page - SONiX Technology Company SN8F22521B Datasheet HTML 9Page - SONiX Technology Company SN8F22521B Datasheet HTML 10Page - SONiX Technology Company SN8F22521B Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
SN8F2250B Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 7
Version 1.1
1 PRODUCT OVERVIEW
1.1 FEATURES
Features Selection Table
TIMER
CHIP
ROM RAM STACK
T0 T1 TC0 TC1
SIO PWM
WAKE-UP
PIN NO.
I/O
pin
PACKAGE
SN8F2251B 10K*16 512*8
8
V
V
V
V
V
V
3
8
QFN
SN8F22511B 10K*16 512*8
8
V
V
V
V
V
V
3
8
SSOP
SN8F22521B 10K*16 512*8
8
V
V
V
V
V
V
5
12
SOP/SSOP
SN8F2253B 10K*16 512*8
8
V
V
V
V
V
V
7
16
SOP
SN8F22531B 10K*16 512*8
8
V
V
V
V
V
V
7
16
QFN
SN8F2255B 10K*16 512*8
8
V
V
V
V
V
V
13
24
LQFP
Memory configuration
♦ 9 interrupt sources.
Flash ROM size
: 10K x 16 bits, including in
system programming function.
20000 erase/write cycles.
Seven internal interrupts: T0, T1, TC0, TC1, USB,
SIO, Wakeup
RAM size: 512 x 8 bits.
Two external interrupt: INT0, INT1.
8 levels stack buffer
♦ One SIO function for data transfer
(Serial Peripheral Interface)
I/O pin configuration
Bi-directional: P0, P1, P2, P5
♦ One 16-bit timer counters. (T1)
Wake-up: P0/P1 level change.
Pull-up resistors: P0, P1, P2, P5.
♦ Three 8 bits timer counter (T0, TC0, TC1)
External interrupt: P0.0, P0.1 controlled by
PEDGE.
TC0, TC1. Each has 8 bit PWM function (duty/cycle
programmable).
Full Speed USB 2.0
♦ Two system clocks.
Conforms to USB specification, Version 2.0.
Internal low clock: RC type 24KHz which Fosc =
24KHz.
3.3V regulator output for USB D+ pin internal
External X’tal: 6MHz/12MHz/16MHz X’tal which the
Fosc will be 12MHz.
1.5k ohm pull-up resistor.
Integrated USB transceiver.
♦ Four operating modes.
Supports 1 Full speed USB device address,
Normal mode: Both high and low clocks active.
1 control endpoint
Slow mode: Low clock only.
3 interrupt IN/OUT endpoints, each has 16 bytes
Sleep: Both high and low clocks stop.
FIFO
Green mode: Periodical wakeup by timer.
Powerful instructions
♦ Package
One clocks per instruction cycle (1T)
QFN16, SSOP16,SOP20, SSOP20, SOP24, QFN24,
Most of instructions are one cycle only.
LQFP32
All ROM area JMP instruction.
All ROM area CALL address instruction.
♦ On chip watchdog timer.
All ROM area lookup table function (MOVC)
♦ In-system re-programmability
Allows easy firmware update


Similar Part No. - SN8F22521B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2270B SONIX-SN8F2270B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F22711B SONIX-SN8F22711B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F2271B SONIX-SN8F2271B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F22721B SONIX-SN8F22721B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F2280 SONIX-SN8F2280 Datasheet
3Mb / 163P
   8-Bit Micro-Controller
More results

Similar Description - SN8F22521B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com