Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F2255B Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN8F2255B
Description  8-Bit Micro-Controller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2255B Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN8F2255B Datasheet HTML 6Page - SONiX Technology Company SN8F2255B Datasheet HTML 7Page - SONiX Technology Company SN8F2255B Datasheet HTML 8Page - SONiX Technology Company SN8F2255B Datasheet HTML 9Page - SONiX Technology Company SN8F2255B Datasheet HTML 10Page - SONiX Technology Company SN8F2255B Datasheet HTML 11Page - SONiX Technology Company SN8F2255B Datasheet HTML 12Page - SONiX Technology Company SN8F2255B Datasheet HTML 13Page - SONiX Technology Company SN8F2255B Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 133 page
background image
SN8F2250B Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 10
Version 1.1
SN8F2253BS (SOP 24 pins)
P5.0/SCK
1
U
24 P2.3
P5.2/SDO
2
23 P2.2
P5.1/SDI
3
22 P2.1
P5.3/PWM1
4
21 P2.0
P5.4/PWM0
5
20 VDD
P1.0
6
19 VREG33
P1.1
7
18 DN
P1.2
8
17 DP
P1.3
9
16 VSS
P0.0/INT0
10
15 VREG25
P0.1/INT1
11
14 XOUT
P0.4/RST
12
13 XIN
SN8F2253BS
SN8F22531BJ (QFN 24 pins)
24 23 22 21 20 19
P2.1 1 ●
18 VREG25
P2.2 2
17 XOUT
P2.3 3
SN8F22531BJ
16 XIN
P5.0/SCK 4
15 P0.4/RST
P5.2/SDO 5
14 P0.1/INT1
P5.1/SDI 6
13 P0.0/INT0
7 8 9 10 11 12
SN8F2255BF (LQFP 32 pins)
32 31 30 29 28 27 26 25
P1.7 1 ●
24 P5.3/PWM1
P0.0/INT0 2
23 P5.1/SDI
P0.1/INT1 3
22 P5.2/SDO
P0.2 4
SN8F2255BF
21 P5.0/SCK
P0.3 5
20 P2.5
P0.4/RST 6
19 P2.4
XIN 7
18 P2.3
XOUT 8
17 P2.2
9 10 11 12 13 14 15 16


Similar Part No. - SN8F2255B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2270B SONIX-SN8F2270B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F22711B SONIX-SN8F22711B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F2271B SONIX-SN8F2271B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F22721B SONIX-SN8F22721B Datasheet
1Mb / 111P
   8-Bit Micro-Controller
SN8F2280 SONIX-SN8F2280 Datasheet
3Mb / 163P
   8-Bit Micro-Controller
More results

Similar Description - SN8F2255B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com