Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P2604A Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN8P2604A
Description  8-Bit Micro-Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2604A Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN8P2604A Datasheet HTML 4Page - SONiX Technology Company SN8P2604A Datasheet HTML 5Page - SONiX Technology Company SN8P2604A Datasheet HTML 6Page - SONiX Technology Company SN8P2604A Datasheet HTML 7Page - SONiX Technology Company SN8P2604A Datasheet HTML 8Page - SONiX Technology Company SN8P2604A Datasheet HTML 9Page - SONiX Technology Company SN8P2604A Datasheet HTML 10Page - SONiX Technology Company SN8P2604A Datasheet HTML 11Page - SONiX Technology Company SN8P2604A Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
SN8P2604A
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 8
Version 0.3
Features Selection Table
Timer
PWM
CHIP
ROM RAM Stack T0 TC1
I/O
Green
Mode
Buzzer
Wakeup
Pin No.
Package
SN8P2604
4K*16 128
8
V
V
24
V
V
11
SK-DIP28/SOP28/SSOP28
SN8P26042
4K*16 128
8
V
V
16
V
V
11
P-DIP20/SOP20/SSOP20
SN8P2604A
4K*16 128
8
V
V
24
V
V
11
SK-DIP28/SOP28/SSOP28
SN8P26042A 4K*16 128
8
V
V
16
V
V
11
P-DIP20/SOP20/SSOP20
Migration SN8P2604 to SN8P2604A
Item
SN8P2604
SN8P2604A
B0MOV M, I
I can’t be 0E6h or 0E7h
No Limitation
B0XCH A, M
The address of M can’t be 80h~FFh
No Limitation
Valid instruction in ROM address 8 JMP or NOP
No Limitation
AC Noise Immunity Capability
Excellent
(Add an 47uF bypass Capacitor)
Excellent
(Add an 47uF bypass Capacitor)
Power on Reset
No slow power on and slow power
down protection.
Build-in power on protection.
Brown out Reset
No Brown-out Reset protection.
Build-in Brown-out Reset protection.
(Multi-level LVD)
LVD
1.8V always ON
2.0V always ON
2.4V and 3.6V are controlled by code
option.
Note: Multi-level LVD to enhance
Brown-out Reset.
Firmware comparison
SN8P2604 SN8 file can program into
SN8P2604A OTP directly by EZ/MP
writer.
SN8P2604A SN8 file
(e.g. Re-compile
SN8P2604 source code with declaring
S8P2604A, SN8P2604A new code... )
can't program into SN8P2604 OTP
directly by EZ/MP writer.


Similar Part No. - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2602B SONIX-SN8P2602B Datasheet
701Kb / 95P
   8-Bit Micro-Controller
SN8P2608 SONIX-SN8P2608 Datasheet
746Kb / 112P
   8-Bit Micro-Controller
More results

Similar Description - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com