Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9718 Datasheet(PDF) 7 Page - Stanson Technology

Part # SP9718
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

SP9718 Datasheet(HTML) 7 Page - Stanson Technology

  SP9718 Datasheet HTML 1Page - Stanson Technology SP9718 Datasheet HTML 2Page - Stanson Technology SP9718 Datasheet HTML 3Page - Stanson Technology SP9718 Datasheet HTML 4Page - Stanson Technology SP9718 Datasheet HTML 5Page - Stanson Technology SP9718 Datasheet HTML 6Page - Stanson Technology SP9718 Datasheet HTML 7Page - Stanson Technology SP9718 Datasheet HTML 8Page - Stanson Technology SP9718 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2007/12/20
Ver.1
Page 7
SP9718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
PERFORMANCE CHARACTERISTICS (TA=25 , unless otherwise specified.)
IN-RUSH CURRENT
Vin=5V, VREF=1V, Load=1.5A, Ip-p=1.81A
Vin=5V, VREF=4V, Load=1.5A, Ip-p=1.81A
EFFICIENCY
efficiency (VOUT=1V, load from 0.05A~1.5A)
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
Iout(A)
efficiency (VOUT =4V, load from 0.05A~1.5A)
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
96.0%
98.0%
100.0%
0.05
0.2
0.4
0.6
0.8
1
Iout(A)


Similar Part No. - SP9718

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - SP9718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
   Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com